PART |
Description |
Maker |
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
CIL858O CIL859O CIL2229Y CIL2331 CSC2331 CIL857O C |
TRANSISTOR | BJT | NPN | 250V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 300V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 150V V(BR)CEO | TO-237 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 700MA I(C) | TO-237AA TRANSISTOR | BJT | NPN | 200V V(BR)CEO | TO-237VAR TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 1.5A I(C) | TO-237AA TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 1.5A I(C) | TO-237 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | TO-237 晶体管|晶体管|进步党| 160V五(巴西)总裁|37 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1.5A I(C) | TO-237AA
|
Infineon Technologies AG
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BC848 BC849 BC846 BC847 BC850 BC848C-MR |
NPN EPITAXIAL SILICON TRANSISTOR NPN Epitaxial Silicon Transistor(NPN硅外延晶体管) 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR BC848C MINIREEL 500PCS 晶体管BC848C MINIREEL 500 NPN Epitaxial Silicon Transistor(NPN纭??寤舵?浣??)
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. Diodes, Inc.
|
KTC1008 KTC1008GR KTC1008-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
|